Part Number Hot Search : 
AWM3300V CS400F10 30CPQ10 TA2153FN MR5010L NTE17 2SC5011 C009N
Product Description
Full Text Search
 

To Download TO-220AB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 3 2 10.2 0.2 ? 3 . 8 0 . 1 5 2.8 0.1 19.0 0.5 pin 3.5 0.3 0.9 0.1 2.5 0.1 13.8 0.5 2.6 0.2 0.5 0.1 8.9 0.2 1.4 0.2 4.5 0.2 pin 1 pin 3 case pin 2 low cost low leakage low forward voltage drop high current capability case:jedec TO-220AB,molded plastic polarity: as marked weight: 0.071 ounces,2.006grams mounting position: any ratings at 25 ambient temperature unless otherwise specified. single phase,half wave,60 hz,resistive or inductive load. for capacitive load,derate by 20%. her 2040c her 2060c units maximum recurrent peak reverse voltage v rrm v max imum rms v olt age v rms v maximum dc blocking voltage v dc v maximum average forw ard rectified current @t c =75 peak forw ard surge current 8.3ms single half-sine-w ave superimposed on rated load @t j =125 maximum instantaneous forw ard voltage @ 10a v f v maximum reverse current @t c =25 at rated dc blocking voltage @t c =100 maximum reverse recovery time (note1) t rr ns typical junction capacitance (note2) c j pf typical thermal resistance (note3) r jc /w operating junction temperature range t j storage temperature range t stg to - 220ab 2. measured at 1.0mhz and applied rev erse v oltage of 4.0v dc. 1.3 1.7 1.0 40 50 100 2.5 150 a 10 easily cleaned with alcohol,isopropanol and similar solvents i f(av) 20 voltage range: 100 --- 600 v current: 20 a 70 140 28 0 42 0 the plastic material carries u/l recognition 94v-0 a 3.thermal resistance junction to case. her 2010c her 2020c 100 200 4 00 6 00 a 200 i r maximum ratings and electrical characteristics i fsm note: 1. measured with i f =0.5a, i r =1a, i rr =0.25a. - 55 ---- + 150 100 200 4 00 600 - 55 ---- + 150 dimensions in millimeters her2010c-her20 60c high efficiency rectifiers features m echani cal d ata http://www.luguang.cn mail:lge@luguang.cn
.6 .8 1.0 1.2 1.4 1.6 1.8 2.0 0.1 1.0 10 100 1000 tj=25 c pulse width=300 s 1% duty cycle o her2010c~her2020c her2040c her2060c .2 2 1 .1 4 .4 1.0 2 40 10 20 60 100 41 0 2 04 01 00 f =1mhz t j =25 amperes amperes amperes fig.2 -- typical forward characteristic fig.3 -- forward derating curve z fig.4 -- typical junction capacitance fig.5 -- peak forward surge current case temperature, peak forward surge curren t number of cycles at 60hz reverse voltage,volts fig.1 -- test circuit diagram and reverse recovery time characteristic average forward current set time base for 25 ns/cm junction capacitance,pf notes:1.rise time = 7ns max.input impedance = 1m .2 2p f. jjjjj 2.rise time =10ns max.source impedance=50 . instantaneous forward voltage, volts instantaneous forward current t rr -1 .0 a -0 .2 5 a 0 +0.5a 1cm pulse generator (note2) d.u.t. 1 nonin- ductive 50 n 1. 10 n1. oscilloscope (note 1) (+) 25vdc (approx) (-) 4 8 0 25 50 75 100 125 150 single phase half wave 60h z resistive or inductive load 0 175 12 16 20 24 0 200 11 0 100 100 5 8.3ms single half sine-wave 50 her2010c-her2060c high efficiency rectifiers ratings and charactieristic curves http://www.luguang.cn mail:lge@luguang.cn


▲Up To Search▲   

 
Price & Availability of TO-220AB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X